PART |
Description |
Maker |
KKE4436 |
Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
|
KODENSHI KOREA CORP.
|
ASM809TEUR-T ASM810TEUR ASM810SEUR ASM810REUR ASM8 |
4.00 V, 3 pin microcontroller power supply supervisor 4 V, 3 pin microcontroller power supply supervisor 2.93 V, 3 pin microcontroller power supply supervisor 3.08 V, 3 pin microcontroller power supply supervisor 2.63 V, 3 pin microcontroller power supply supervisor 4.38 V, 3 pin microcontroller power supply supervisor 4.63 V, 3 pin microcontroller power supply supervisor 3 Pin Microcontroller Power Supply Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Low Power CPU Supervisors
|
Alliance Semiconductor, Corp. ALSC Alliance Semiconductor Corporation Alliance Semiconductor Corp...
|
M41ST85WMH6 |
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
|
STMicroelectronics
|
ASM706SCPA ASM706SCSA ASM706SCUA ASM706SEPA ASM706 |
CPU Supervisors with Watchdog Timer and Power Fail Detector CPU Supervisors with Power Fail Detector CAC 3C 3#16S SKT RECP BOX 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 4 V, mP supervisor circuit 2.93 V, mP supervisor circuit 3.08 V, mP supervisor circuit
|
http:// ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
UDS-3611H UDS-3612H UDS-3613H UDS-3614H UDN-3612M |
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor 5.0 or 3.0V, 512 Bit (64 Bit x8) Serial RTC (SPI) SRAM and NVRAM Supervisor Serial real-time clock 25 A standard and Snubberless" triacs 25 A standard and Snubberless" triacs 双外围驱动器 5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM 双外围驱动器
|
Motorola Mobility Holdings, Inc.
|
SLE66C40S SLE66C40S-V5-F7 SLE66C40S-V5 SLE66C40S-T |
Security & Chip Card ICs 安全 2.00mm Pitch Open Top Jumper Socket, black, tin Security & Chip Card ICs
|
INFINEON[Infineon Technologies AG]
|
X5163 X5163P X5163S8 X5163S8-2.7 X5163S8-2.7A X516 |
RTC Module With CPU Supervisor CPU Supervisor with 16Kbit SPI EEPROM
|
http:// XICOR[Xicor Inc.]
|
X4323 X4325V8-4.5A |
RTC Module With CPU Supervisor CPU Supervisor with 32K EEPROM
|
INTERSIL CORP http://
|
SLE5536M3 SLE5536 SLE5536-BDC SLE5536-BDM3 SLE5536 |
From old datasheet system Security & Chip Card ICs CONNECTOR Security & Chip Card ICs 安全
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
PCS809NMIURF PCS809 PCS809JIURF PCS809LIURF PCS809 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 ROHS COMPLIANT, SOT-23, 3 PIN 3-Pin μP Voltage Supervisor 3-Pin 楼矛P Voltage Supervisor
|
Vicor, Corp. PulseCore Semiconductor
|
FM1233E FM1233EC FM1233ED |
3-Pin C Supervisor Circuit From old datasheet system 3-Pin µC Supervisor Circuit
|
Fairchild Semiconductor
|